Part Number Hot Search : 
16X5R BA7765AS 0505S 2SD1531 12003 PT6905 RF120 AM4520H
Product Description
Full Text Search
 

To Download NAS-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 iso-9001 registered d (lead diameter) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.025 (0.64) 0.025 (0.64) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) d c a 1.50 min. (38.1) b semi-precision power wirewound resistor as series 1/4 watt to 10 watts 5%, 3%, 1%, .5% tolerance 0.1 ohm to 175k ohms resistance wire tcr 20 ppm/c specifications: inductance of as-1/2 is less than 1h at 1mhz. * typical inductan ce of as-1c <5 ohms is < 1h. to order non-inductive types, add the prefix "n". example: nas-1, nas-2c, etc. lower values available upon reque st. dimensions (inches and (mm)) : please note lead length dimension change on the following two items only: as-2b 1.3 min as-2c 1.3 min note: ? coating and marking is resistant to normal freon degreasing. consult factory for special requirements. ? as marking available in alpha numeric or colorbanding - identification available. heat conducting ceramic substrate alpha - digital marking silicone conformal coating all welded cap and lead assembly alloy resistance wire wound to specific parameters including tcr's from 20 to +5500 ppm/c equivalent mil-r-26 style rw81 rw70u rw-69v/ rw79u rw74u/ rw67v rw68v/ rw78u power rating 275c max. hot spot (watts) commercial range (ohms) non-inductive range (ohms) available resistance (ohms) 125c 0.5 0.5 1 1 2 3 2 3 5 7 10 25c 1 1 2 2 3 4 3 5 7 9 14 min. 0.1 0.1 0.1 .05 0.1 0.1 0.1 0.1 0.1 0.1 0.1 max. 1.0k 6.0k 7.5k 2k 20k 24k 18k 30k 60k 90k 175k min. * * 0.1 * 0.5 0.5 0.2 0.5 0.8 1.0 3.0 max. * * 3.8k * 10k 12k 7.5k 15k 30k 45k 50k 0.5%, 1% 1-1k 1-6k 1-7.5k 1-2k 1-20k 1-24k 1-18k 1-30k 1-60k 1-90k 1-175k 3%, 5% 0.1-1k 0.1-6k 0.1-7.5k .05-2k 0.1-20k 0.1-24k 0.1-18k 0.1-30k 0.1-60k 0.1-90k 0.1-175k irc type as-1/4 as-1/2 as-1 as-1c as-2 as-2b as-2c as-3 as-5 as-7 as-10 a 0.032 0.250 (6.4) 0.312 (7.9) 0.367 (9.3) 0.256 (6.5) 0.480 (12.2) 0.540 (13.7) 0.489 (11.0) 0.687 (17.5) 0.875 (22.2) 1.250 (31.8) 1.812 (46.0) *leads 60/40 are solder plated. as-1c leads are copper. all others are 40% conductivity copper sheathed steel. b (max) 0.094 (2.4) 0.094 (2.4) 0.125 (3.2) 0.115 (2.9) 0.250 (6.3) 0.219 (5.6) 0.157 (4.0) 0.282 (7.2) 0.344 (8.8) 0.344 (8.8) 0.385 (9.8) c (max) 0.312 (7.9) 0.375 (9.5) 0.429 (10.9) 0.303 (7.7) 0.600 (15.2) 0.663 (16.6) 0.594 (15.1) 0.812 (20.6) 0.980 (24.9) 1.375 (35.0) 1.937 (49.2) irc type as-1/4 as-1/2 as-1 as-1c as-2 as-2b as-2c as-3 as-5 as-7 as-10 wirewound and film technologies division 736 greenway road ? boone, north carolina 28607-1860 ? tel: 828-264-8861 ? fax: 828-264-8866 ? www.irctt.com
2 iso-9001 registered test condition load life 1000 hours moisture resistance temperature cycle short time overload low temperature operation solder heat shock vibration 25 75 125 175 225 275 0 75 100 125 150 175 200 as-1/4, 1/2, 1 as-3 as-2a, 2c as-2 as-5, 10 as-7, 25 0 40 80 120 160 200 50 100 150 200 250 275 as-7, 10 as-5 as-2a, 2c as-2 as-2b as-1/2 as-1/4 25 power derating: environmental testing at 25c: how to order: sample part no.: as-3 27r0 0.25% type power 3 =3 watts (see specification chart for other power ratings) resistance value expressed in ohms (standard eia/mil values) tolerance 5%, 3%, 1%, 0.5% max d d d d d r 1.0% 1.0% 0.5% 0.5% 0.5% 0.25% 0.5% 0.5% temperature rise @ 125c: ambient temperature (c) percent of 125c power rating percent of 25c power rating hot spot temperature (c) temperature rise @ 25c: 0.1 0.2 0.5 1 2 5 10 0 2 4 6 8 10 12 14 as-2a as-3 as-2 as-2b as-1 as-2c as-1/2 as-1/4 selected pulse-handling capability @ 125c: resistance (ohms) energy (watts-second) as-3, as-1, as-2 as-2b wirewound and film technologies division 736 greenway road ? boone, north carolina 28607-1860 ? tel: 828-264-8861 ? fax: 828-264-8866 ? www.irctt.com 0 20406080100 125 150 200 250 275 as-7, 10 as-5 as-3, 2a, 2c as-2 as-2b as-1/2 as-1/4 percent of 125c power rating hot spot temperature (c) as2a, as2c as-3, as-5 0 40 80 120 160 200 as-7, 2b


▲Up To Search▲   

 
Price & Availability of NAS-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X